Part Number Hot Search : 
100314PC FX469LG ON2925 PNZ202S 00ETTT KDS1001 MCJ33A 60N25
Product Description
Full Text Search
 

To Download MF-2500DS-T12-211 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUBISHI (OPTICAL DEVICES)
MF-2500DS-T12-18x/19x/20x/21x MF-2500DS-R13-18x MF-2500DS-R14-19x/20x/21x
SONET/SDH TRANSMITTER & RECIEVER
DESCRIPTION
This product is designed to provide high optical performance for SDH STM-16/SONET OC-48. Transmitter uses uncooled laser module with drivered by specific integrated circuit. Receiver uses PD or APD preamp-module and integrated circuits for reshaping, retiming and regenerating optical signal.
2.5Gb/s ATM LAN and ATM switching systems.
FEATURES
Full SONET/SDH line up Low cost Compact, low power -5.2 V,+5V power supply, DC/DC converter built in for Rx Case Temp. Range: Class 1; -5 to +75 C / Class 2; -40 to +85 C Clock recovery Multi source
APPLICATION
Short haul and long haul telecommunication systems for SDH STM-16 / SONET OC-48.
ABSOLUTE MAXIMUM RATINGS
Stress below listed absolute maximum rating may cause permanent damage to the module. Th is is a stress o nly and functional operation of the module at these or any other conditions in excess of those given in the operational sections of this data sheet . Exposure to Absolute Maximum Rating for extended periods may affect module reliability. Tc=25C
Parameters Symbol Vcc Supply voltage Vee High output current Input voltage Storage temperature Operating case temperature Soldering Temperature Soldering Time Relative humidity(non condensation) Fiber bend radius Tstg Tc -6.0 TBD TBD -40 to +85 class 1:-5 to +75 class 2:-40 to +85 +260 10 10 to 80 32 V mA V Ratings +6.0 Unit V
C C C
sec % mm
MITSUBISHI (OPTICAL DEVICES)
MF-2500DS-T12-18x/19x/20x/21x MF-2500DS-R13-18x MF-2500DS-R14-19x/20x/21x
SONET/SDH TRANSMITTER & RECIEVER
ELECTRICAL/OPTICAL CHARACTERISTICS (TLD=25C, unless otherwise noted)
All parameters are specified over the operating case temperature. 23 Measurement conditions are at 2488.32Mb/s +/-20ppm, NRZ PN2 -1 and 50% duty cycle data signal. Vcc=+5.0V+/-5%, Vee=-5.2V+/-5%, and for Transmitter. note : Vcc-Vee ; with Vcc at +5V Vee must be at 0V ; with Vee at -5.5V Vcc must be at 0V note : Internally AC coupled with 50ohm internal termination
Transmitter
class1 : -5C to +75C class2 : -40C to +85C
Condition note 1 total note 2,3 note 5 note 5 note 4 Symbol SV Min. 4.75 0.6 Typ. 5.0 0.8 0.8 500 20 TTL compatible Max. 5.5 2.0 1.0 Unit V W Vpp mV mV/mA Parameters Supply voltage Power consumption Input sensitivity data and clock voltage Normalized back face voltage Monitor bias voltage Logic level
note 1: Vcc-Vee ; with Vcc at +5V Vee must be at 0V ; with Vee at -5.5V Vcc must be at 0V note 2: Internally AC coupled with 50ohm internal termination note 3: This sensitivity is achieved by applying at minimum either a 0.6Vpp signal on one input while the other input is tied to ground or by applying two complementary 0.3Vpp signal on both inputs. note 4: when Vcc at +5V and Vee at 0V note 5: This voltage is measured taking Vee as reference.
Receiver
class1 : -5C to +75C
Parameters Positive supply voltage Negative supply voltage Power consumption Output data and clock voltage single ended Output data and clock voltage differential Jitter generation Jitter tolerance Jitter transfer peaking Logic output level note 6 if equired total
class2 : -40C to +85C
Condition Symbol SV DV Min. 4.75 -5.5 0.3 0.6 Typ. 5.0 -5.2 1.3 0.4 0.8 GR-253/ITU-T G958 GR-253/ITU-T G958 GR-253/ITU TTL compatible Max. 5.25 -4.94 3 1 2 Unit V V W Vpp Vpp Ulrms Ulpp dB -
note 6: At the moment the jitter bandwidth performance according GR-253/ITU-T G958 is not met atthe receiver interface level. Additional clock filtering is supposed to be done at lower data rates. Jitter transfer bandwidth will be defined at this level which is a parameter of the whole network element and not of the receiver element. A further version is under investigation to met simultaneously all the GR-253/ITU-T G958 jitter specifications at the physical interface level.
MITSUBISHI (OPTICAL DEVICES)
MF-2500DS-T12-18x/19x/20x/21x MF-2500DS-R13-18x MF-2500DS-R14-19x/20x/21x
SONET/SDH TRANSMITTER & RECIEVER
OPTICAL CHARACTERISTICS
cond. ITU-T/SONET Optical budget Transmitter Center wavelength Optical source Optical output power Shutdown optical power Spectral width SMSR Extinction ratio Dispersion maximum return loss Receiver Receiver sensitivity Receiver overload Path penalty Maximum reflectance note7 note8 note9 note10 note11 note12 note13 symb. Snom Sidle ER Rsen Rovr 0 1270 -4.5 30 8.2 100 0 Min. Typ. S-16.1/IR-1 1310 SLM -2 -50 0.3 -20.5 +1 0.2 12 1360 0 -40 1 24 -18.5 1 -27 10 1280 -1.5 30 8.2 250 -8 Max. Min Typ. L-16.1/LR-1 1310 SLM 0 -50 0.3 -29.5 -7 0.2 24 1335 +3 -40 1 24 -27.5 1 -27 Max dB nm dBm dBm nm dB dB ps/nm dB dBm dBm dB dB
cond. ITU-T/SONET Optical budget Transmitter Center wavelength Optical source Optical output power Shutdown optical power Spectral width SMSR Extinction ratio Dispersion maximum return loss Receiver Receiver sensitivity note7 note8 note9 note10 -
Symb. Snom Sidle ER -
Min.
Typ. L-16.1/LR-2
Max.
Min
Typ. V-16.2
Max 33 1565 +3 -40 0.8 24 dB nm dBm dBm nm dB dB ps/nm dB
10 1500 -1.5 30 8.2 1600 -
1530 SLM 0 -50 0.3 -
24 1580 +3 -40 1 24
22 1530 -4.5 30 8.2 2400 -
1545 SLM 0 -50 0.3 -
note11 Rsen -30.5 -28.5 -27.5 -25.5 dBm note12 Receiver overload note13 Rovr -8 -7 -9 -8 dBm Path penalty 1.3 2 1.5 2 dB Maximum reflectance -27 -27 dB note7:The V-16.2 version is adapted to standard 10dBm to 13dBm EDFA optical bandwidth. note8:Measured at the connector interface. Provision of 0.5dB is taken for S point measurement. note9:The maximum full width of the central wavelength peak, measured 20dB down from maximum amplitude under modulation condition PRBS 223-1. note10:Measured at the connector interface under modulation condition PRBS 223-1. note11:Measured at BER 10-10. note12:Provision of 0.5dB is taken for R point measurement if SMF fiber is used. Note13:The device must not be damaged when this optical power is applied to the optical input. The device is not meant to operate at such an optical input power. All min and max. parameters are specified End-of-Life within the overall relevant operating temperature range. The typical values are referenced to +25deg.C ,nominal power supply, beginning of life.
MITSUBISHI (OPTICAL DEVICES)
MF-2500DS-T12-18x/19x/20x/21x MF-2500DS-R13-18x MF-2500DS-R14-19x/20x/21x
SONET/SDH TRANSMITTER & RECIEVER
ORDERING INFORMATION Transmitter
Part number MF-2500DS-T12-180 MF-2500DS-T12-181 MF-2500DS-T12-190 MF-2500DS-T12-191 MF-2500DS-T12-200 MF-2500DS-T12-201 MF-2500DS-T12-210 MF-2500DS-T12-211 ITU-code S-16.1 S-16.1 L-16.1 L-16.1 L-16.2 L-16.2 V-16.2 V-16.2 Optical connector type FC SC FC SC FC SC FC SC
Receiver
Part number MF-2500DS-R13-180 MF-2500DS-R13-181 MF-2500DS-R14-190 MF-2500DS-R14-191 MF-2500DS-R14-200 MF-2500DS-R14-201 MF-2500DS-R14-210 MF-2500DS-R14-211 ITU-code S-16.1 S-16.1 L-16.1 L-16.1 L-16.2 L-16.2 V-16.2 V-16.2 Optical connector type FC SC FC SC FC SC FC SC
MITSUBISHI (OPTICAL DEVICES)
MF-2500DS-T12-18x/19x/20x/21x MF-2500DS-R13-18x MF-2500DS-R14-19x/20x/21x
SONET/SDH TRANSMITTER & RECIEVER
PIN ALLOCATION Transmitter pin allocation
No. Symbol Description No. Symbol Description 1 VEE Negative power supply **** 24 VCC Positive power supply **** 2 BACK(+) Monitoring for back fact current 23 GND Ground 3 BIAS(+) Monitoring for LD current 22 CkiFalse clock input 4 SDC Shut Down Command *** 21 GND Ground 5 SELC Clock mode select ** 20 Cki+ True clock input * 6 GND Ground 19 GND Ground 7 NUC No user connection 18 DiFalse data input 8 LDA Laser Degrade Alarm ***** 17 GND Ground 9 NUC No user connection 16 Di+ True data input 10 NUC No user connection 15 GND Ground 11 GND Ground 14 NUC No user connection 12 VEE Negative power supply **** 13 VCC Positive power supply **** *: The falling edge of Cki clock input signal is at the Di data eye pattern crossing point. **: When open (or low) the module is in the operating mode. When high the module operates in non clocked mode. ***: When high the module in the shut down mode (no optical output power). When open (or low) the module is in the operating mode. ****: Vcc-Vee; with Vcc at +5V Vee must be at 0V; with Vee at -5.5V Vcc must be at 0V *****: When provided a digital alarm indicates that the laser is degraded. The active level is a low level. This pin must be teidto Vcc through a 100k ohm resistor when the digital alarm is not proved
Receiver pin allocation
No. Symbol Description No. Symbol Description 1 HV / NIC High Voltage * 24 NUC No user connection 2 NUC No user connection 23 OILV / NIC Optical Input Light Voltage ## 3 LPA Loss of Power Alarm *** 22 VCC Positive power supply 4 GND Ground ** 21 NUC No user connection 5 CkoFalse clock output 20 GND Ground ** 6 Cko+ True clock output 19 GND Ground ** 7 GND Ground ** 18 VEE Negative power supply 8 VCC Positive power supply 17 GND Ground ** 9 GND Ground 16 GND Ground ** 10 Do+ True data output 15 GND Ground ** 11 DoFalse data output 14 GND Ground ** 12 GND Ground ** 13 DTV / NIC Decision Threshold Voltage # *: This pin is Not Internally Connected(NIC) in case of the high voltage generator is inside the module. **: Package is at same potential as GND . ***: LPA output is a logic level that indicates the presence or absence of a sufficient optical input level. A logical high level indicates an input optical level too low. #: This pen is not internally connected if the amplitude decision threshold is not made adjustable. ##: This pen is not internally connected if the Optical Input Light Voltage functionality is not provided.
MITSUBISHI (OPTICAL DEVICES)
MF-2500DS-T12-18x/19x/20x/21x MF-2500DS-R13-18x MF-2500DS-R14-19x/20x/21x
SONET/SDH TRANSMITTER & RECIEVER
GENERAL OUTLINE DRAWING
NOTE:TOLERANCES UNLESS NOTED +/-0.5 DIMENSIONS ARE IN MILLIMETERS
Transmitter
Receiver
MITSUBISHI (OPTICAL DEVICES)
MF-2500DS-T12-18x/19x/20x/21x MF-2500DS-R13-18x MF-2500DS-R14-19x/20x/21x
SONET/SDH TRANSMITTER & RECIEVER
BLOCK DIAGRAM
LD Module
: integrated device
VCC PD VCC LD
OPT. OUT
DRIVER IC
SELC DATAin DATAin CLOCKin CLOCKin
Driver IC
Monitoring for back face current
APC IC
Monitoring for LD current
Modulation Control
A.P.C
Laser Degrade Alarm
SDC
Transmitter
DC/DC
APD Control
: in case of APD version
DATAout APD/PD OPT. IN Preamp Amp DATAout CLKout Alarm PLL APD/PD-Preamp Module AGC Amp Clock recovery IC Signal Detect CLKout
Decider
Receiver
MITSUBISHI (OPTICAL DEVICES)
MF-2500DS-T12-18x/19x/20x/21x MF-2500DS-R13-18x MF-2500DS-R14-19x/20x/21x
SONET/SDH TRANSMITTER & RECIEVER
NOTE
NOTE1: Input interface
Transmitter Data Data
50ohm
VBB
AC Coupled Interface
NOTE2: Shut Down Command interface
Signal detect
H L
Transmitter
Optical signal OFF ON
TTL Td comparator
The transmitter is normally enabled and only requires an external voltage to disable.
NOTE3: Laser bias / Laser backface monitor interface
LD Module
Laser backface current monitor Laser bias current monitor
A.P.C
MITSUBISHI (OPTICAL DEVICES)
MF-2500DS-T12-18x/19x/20x/21x MF-2500DS-R13-18x MF-2500DS-R14-19x/20x/21x
SONET/SDH TRANSMITTER & RECIEVER
NOTE4: Output interface
LVPECL Data / Clock
Data / Clock Receiver
50ohm
NOTE5: Data and Clock relationship TBD NOTE6: Signal detect interface
Optical signal Receiver
Signal detect Signal detect
ON
OFF
H L
TTL


▲Up To Search▲   

 
Price & Availability of MF-2500DS-T12-211

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X